Part Number Hot Search : 
REF02CJ EMK13G2 C4731 ISPLSI CA0358M BJ100 F555H 74CBTL
Product Description
Full Text Search
 

To Download H11B2-X009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H11B1/H11B2/H11B3
Vishay Semiconductors
Optocoupler, Photodarlington Output, High Gain, with Base Connection
FEATURES
* Isolation test voltage: 5300 VRMS
A C NC 1 2 3 6B 5C 4E
* Coupling capacitance, 0.5 pF * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
i179005
AGENCY APPROVALS DESCRIPTION
The H11B1/H11B2/H11B3 are industry standard optocouplers, consisting of a gallium arsenide infrared LED and a silicon photodarlington. * UL1577, file no. E52744 system code J * DIN EN 60747-5-5 available with option 1
ORDER INFORMATION
PART H11B1 H11B2 H11B3 H11B1-X007 H11B1-X009 H11B2-X009 Note For additional information on the available options refer to option information. REMARKS CTR > 500 %, DIP-6 CTR > 200 %, DIP-6 CTR > 100 %, DIP-6 CTR > 500 %, SMD-6 (option 7) CTR > 500 %, SMD-6 (option 9) CTR > 200 %, SMD-6 (option 9)
ABSOLUTE MAXIMUM RATINGS
PARAMETER INPUT Reverse voltage Forward continuous current Power dissipation Derate linearly from 25 C OUTPUT Collector emitter breakdown voltage Emitter collector breakdown voltage Collector base breakdown voltage Collector current (continuous) Power dissipation Derate linearly from 25 C BVCEO BVECO BVCBO IC Pdiss 25 7 30 100 150 2 V V V mA mW mW/C VR IF Pdiss 3 60 100 1.33 V mA mW mW/C TEST CONDITION SYMBOL VALUE UNIT
Document Number: 83609 Rev. 1.5, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 283
H11B1/H11B2/H11B3
Vishay Semiconductors
Optocoupler, Photodarlington Output, High Gain, with Base Connection
ABSOLUTE MAXIMUM RATINGS
PARAMETER COUPLER Isolation test voltage Creepage Clearance Comparative tracking index per DIN IEC 112/VDE 0303, part 1 Isolation resistance Total package dissipation (LED plus detector) Derate linearly from 25 C Storage temperature Operating temperature Lead soldering time at 260 C Tstg Tamb VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C CTI RIO RIO Ptot Between emitter and detector, refer to standart climate 23 C/50 % RH, DIN 50014 VISO 5300 7 7 175 1012 1011 260 3.5 - 55 to + 150 - 55 to + 100 10 mW mW/C C C s VRMS mm mm TEST CONDITION SYMBOL VALUE UNIT
Note Tamb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability.
ELECTRICAL CHARACTERISTCS
PARAMETER INPUT Forward voltage Reverse current Junction capacitance OUTPUT Collector emitter breakdown voltage Emitter collector breakdown voltage Collector base breakdown voltage Collector emitter leakage current COUPLER Saturation voltage collector-emitter Capacitance (input to output) IC = 1 mA, IC = 1 mA VCEsat CIO 0.5 1.0 V pF IC = 1 mA, IF = 0 mA IE = 100A, IF = 0 mA IC = 100 A , IF = 0 mA VCE = 10 V, IF = 0 mA BVCEO BVECO BVCBO ICEO 30 7.0 30 100 V V V nA IF = 50 mA IF = 10 mA VR = 3 V VF = 0 V, f = 1 MHz H11B1 H11B2 H11B3 VF VF VF IR Cj 50 1.1 1.1 1.1 1.5 1.5 1.5 10 V V V A pF TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Note Tamb = 25 C, unless otherwise specified. Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering evaluations. Typical values are for information only and are not part of the testing requirements.
CURRENT TRANSFER RATIO
PARAMETER DC Current transfer ratio TEST CONDITION VCE = 5 V, IF = 1 mA PART H11B1 H11B2 H11B3 SYMBOL CTRDC CTRDC CTRDC MIN. 500 200 100 TYP. MAX. UNIT % % %
www.vishay.com 284
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83609 Rev. 1.5, 08-May-08
H11B1/H11B2/H11B3
Optocoupler, Photodarlington Output, High Gain, with Base Connection
SWITCHING CHARACTERISTICS
PARAMETER Switching times TEST CONDITION IF = 5 mA, VCE = 10 V, RL = 100 SYMBOL ton toff MIN. TYP. 5 30 MAX. UNIT s s
Vishay Semiconductors
TYPICAL CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
1.4
100 Ta = - 55 C
VF - Forward Voltage (V)
1.3
NIce - Normalized Ice
1.2 1.1 1.0 0.9 0.8 0.7 0.1 1 10 100 Ta = 100 C Ta = 25 C
10
Normalized to: VCE = 5 V IF = 2 mA
VCE = 5 V
VCE = 1 V 1
0.1
0.01 0.1
ih11b1_03
1
10
100
ih11b1_01
IF - Forward Current (mA)
IF - LED Current (mA)
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 3 - Normalized Non-Saturated and Saturated ICE vs. LED Current
4.0
10 Normalized to: VCE = 5 V IF = 1 mA
NCTRce - Normalized CTRce
3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.1
NIce - Normalized
Normalized to: IF = 10 mA 1 VCE = 5 V
VCE = 5 V
VCE = 1 V 0.1
VCE = 5 V
0.01
VCE = 1 V 1 10 100 0.001 0.1
ih11b1_04
1
10
100
ih11b1_02
IF - LED Current (mA)
IF - LED Current (mA)
Fig. 2 - Normalized Non-Saturated and Saturated CTRCE vs. LED Current
Fig. 4 - Normalized Non-Saturated and Saturated Collector Emitter Current vs. LED Current
Document Number: 83609 Rev. 1.5, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 285
H11B1/H11B2/H11B3
Vishay Semiconductors
Optocoupler, Photodarlington Output, High Gain, with Base Connection
10000
hFE - Forward Transfer Gain
VCE = 5 V 8000 6000
IF
VO
4000 VCE = 1 V 2000
tD tR tPLH VTH = 1.5 V tPHL tS tF
0 0.01
ih11b1_05
0.1
1
10
100
ih11b1_08
Ib - Base Current (A)
Fig. 5 - Non-Saturated and Saturated hFE vs. Base Current
Fig. 8 - Switching Waveform
80 VCC = 5 V
tpLH - Low/High Propagation Delay (s)
Vth = 1.5 V 60
1.0 k
VCC = 10 V F = 10 kHz,
40
220 470
DF = 50 %
RL VO
20 100 0 0 5 10 15 20
ih11b1_09
IF = 5 mA
ih11b1_06
IF - LED Current (mA)
Fig. 6 - Low to High Propagation Delay vs. Collector Load Resistance and LED Current
Fig. 9 - Switching Schematic
20
tpHL - High/Low Propagation delay (s)
1 k 15 VCC = 5 V Vth = 1.5 V 10 100 5
0 0
ih11b1_07
5
10
15
20
IF - LED Current (mA)
Fig. 7 - High to Low Propagation Delay vs. Collector Load Resistance and LED Current
www.vishay.com 286
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83609 Rev. 1.5, 08-May-08
H11B1/H11B2/H11B3
Optocoupler, Photodarlington Output, High Gain, with Base Connection
PACKAGE DIMENSIONS in inches (millimeters)
3 2 1 Pin one ID
Vishay Semiconductors
0.248 (6.30) 0.256 (6.50)
4
5
6
ISO method A
0.335 (8.50) 0.343 (8.70) 0.039 (1.00) min. 0.048 (0.45) 0.300 (7.62) typ.
0.022 (0.55) 0.130 (3.30) 0.150 (3.81)
4 typ. 0.031 (0.80) min. 0.031 (0.80) 0.018 (0.45) 0.022 (0.55) 0.100 (2.54) typ.
i178004
18 0.114 (2.90) 0.130 (3.0) 3 to 9 0.010 (0.25) typ. 0.300 to 0.347 (7.62 to 8.81)
0.035 (0.90)
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03) 0.300 (7.62) ref.
0.028 (0.7)
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min. 0.331 (8.4) min. 0.406 (10.3) max.
0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51) 0.040 (1.02) 0.315 (8.00) min.
0.012 (0.30) typ.
15 max.
18494
Document Number: 83609 Rev. 1.5, 08-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 287
H11B1/H11B2/H11B3
Vishay Semiconductors
Optocoupler, Photodarlington Output, High Gain, with Base Connection
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 288
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83609 Rev. 1.5, 08-May-08
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of H11B2-X009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X